Part Number Hot Search : 
12100 MC3303 MC9S12DJ PIC16F MBR1020 SMC10 MBR1020 C2328
Product Description
Full Text Search
 

To Download M505011F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M50 Series
* Over 40KW output Capability * 8 Different Circuits to Choose from * 50 and 100A outputs
AVAILABLE OPTIONS
ELECTRICAL SPECIFICATIONS
Description
Maximum DC Output Current (Tc = 85C) Maximum Voltage Drop @ Amps Peak Operating Junction Temperature Range Critical Rate of Rise of On-State Current @ TJ=125C Critical Rate of Rise of Off-State Voltage [V/s] Repetitive Peak Reverse Voltage (AC Line Nominal) [Vpk]
Symbol
ID VF TJ di/dt dv/dt VRRM
M5050
50 A 1.7V @ 50A -40 - 125C 100A/s 500V/s 400 (120 VAC) 600 (240 VAC) 800 (280 VAC) 1200 (480 VAC)
M50100
100 A 1.4V @ 100A -40 - 125C 100A/s 500V/s
Maximum Non-Repetitive Surge Current (1/2 Cycle, 60 Hz) [A] Maximum IT for Fusing (t=8.3ms) [Asec] Maximum Required Gate Current to Trigger @ 25C [mA] Maximum Required Gate Voltage to Trigger @ 25C [V] Average Gate Power [W] Maximum Peak Reverse Gate Voltage [V] Maximum Thermal Resistance, Junction to Ceramic Base per Chip [C/W] Isolation Voltage [Vrms]
ITSM I2T IGT VGT PG(AV) VGM RJC VISOL
600 1500 150 3.0 0.5 5.0 0.7C/W 2500
1500 9350 150 3.0 0.5 5.0 0.36C/W 2500
GENERAL SPECIFICATIONS
Description
Weight (typical) 3.75 oz (106g) 3.75 oz (106g)
MECHANICAL SPECIFICATIONS
CIRCUIT DIAGRAMS
AGENCY APPROVALS
Rev. 012209
ANNEX - ENVIROMENTAL INFORMATION


▲Up To Search▲   

 
Price & Availability of M505011F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X